Part Number Hot Search : 
AD515AL 12400 505020 AD7397AR TLOH62TF 104K2G P600S DG408AK
Product Description
Full Text Search
 

To Download 2SD1396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1396
DESCRIPTION *With TO-3PN package *Built-in damper diode *High voltage ,high reliability *High speed switching APPLICATIONS *For horizontal output applications
PINNING PIN 1 2 3 DESCRIPTION
Base Collector;connected to mounting base Emitter
Fig.1 simplified outline (TO-3PN) and symbol
Absolute maximum ratings (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 800 7 2.5 10 80 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1396
TYP.
MAX
UNIT
V(BR)CEO
Collector- emitter breakdown voltage
IC=100mA; RBE=
800
V
V(BR)CBO
Collector-base breakdown voltage
IC=5mA; IE=0
1500
V
V(BR)EBO
Emitter-base breakdown voltage
IE=200mA; IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=2A; IB=0.6A
8.0
V
VBEsat
Base-emitter saturation voltage
IC=2A; IB=0.6A
1.5
V A
ICBO
Collector cut-off current
VCB=800V; IE=0
10
IEBO
Emitter cut-off current
VEB=4V; IC=0
40
130
mA
hFE
DC current gain
IC=0.5A ; VCE=5V
8
fT
Transition frequency
IC=0.5A ; VCE=10V IC=2A;IB1=0.6A; IB2=-1.2A, VCC=200V; RL=100 IEC=2.5A
3
MHz s
tf
Fall time
0.7
VF
Diode forward voltage
2.0
V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1396
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X